Part Number Hot Search : 
D75312GF PBH14022 X27C1 NQ03LT ST2SC 1602C L6228D BD139
Product Description
Full Text Search
 

To Download 3542100002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INIATURE FUSES MINIATURE FUSES
6.3x32 mm / No. 354 Leadfree
Type, V, Special Type, 440 V, F
Time-Current Standard
None Quick Acting (F)
Specifications
Packaging
002: Pack (100 pcs.) Tube: End Caps: Ceramic Nickel-plated brass
Characteristic
Materials
Approvals
cULus Recognized: File No. E 67006
Temperature Operating Temperature Climatic Category Stock Conditions
Features
Dimensions (mm)
For high voltage applications High breaking capacity Agency approved Pluggable into clips or shocksafe holders
-25C to +70C (consider de-rating) -25C/+70C/21 days (EN 60068-1..3) +10C to +60C relative humidity 75% yearly average, without dew, maximum value for 30 days-95% 24 cycles at 15 min. each (EN 60068-2-6) 10 - 60Hz at 0.75mm amplitude 60 - 2000Hz at 10g acceleration , F, Current Rating, 440V, Approvals
Vibration Resistance
6,3 32
Marking Unit Weight
3.0g (approx.)
Limits for Pre-arcing Time
Rated Current
630 mA ... 800 mA 1.00 A ... 10.00 A
1.5 x IN
>1h >1h
2.5 x IN
< 30 min < 30 min
4 x IN
8 ms ... 400 ms 20 ms ... 1 s
10 x IN
<20 ms <50 ms
Permissible continuous operating current is 100 % at ambient temperature of 23 C (73.4 F). Rated Amp Voltage Breaking Voltage Drop Power Dissipation Melting Integral Current Code Rating Capacity 1.0 x IN 1.5 x IN 10 x IN max. (mV) max. (W) max. (A2s)
630 mA 800 mA 1.00 A 1.25 A 1.60 A 2.00 A 2.50 A 3.15 A 1 4.00 A 1 5.00 A 1 6.30 A 1 8.00 A 1 10.00 A 1 0630 0800 1100 1125 1160 1200 1250 1315 1400 1500 1630 1800 2100 440 V 440 V 440 V 440 V 440 V 440 V 440 V 440 V 440 V 440 V 440 V 440 V 440 V 600 550 500 470 420 320 300 270 230 200 190 180 170 1.1 1.3 1.6 2.0 2.2 2.4 2.6 2.9 3.2 3.5 3.8 4.0 4.0 0.12 0.32 0.33 1.8 2.0 5.3 9.0 23 43 78 150 280 500
Approvals
cURus
1000 A / 440 V AC 50-60 Hz cos = 1.0
* * * * * * * * * * *
1 Depending on the application and mounting, the fuse heating at max. ambient temperature in a closed fuseholder should be considered. Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
Order Information
011906
Qty.
OrderNumber
Series 354
Amp Code
Packaging
Specifications are subject to change without notice
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com
INIATURE FUSES MINIATURE FUSES
6.3x32mm / No. 354
I-t Characteristics
(Min-Max Limit)
Time (sec.)
00 0,0 10 ,00 10 0 0 1,0 0 10 0 10 1 0.1 1 0.0 01 0.0
(630 ... 800mA) (1.00 ... 10.00A)
1
1.5
2
3
4
5
6
7 8 9 10
15
I Fault / I Rated
Contact Littelfuse for individual I-t curves
011906
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 3542100002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X